Electronic Components Datasheet Search
  English  ▼

X  

3255 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3255
Description  Small Alligator Clip to Male Jumper Wire Bundle - 12 Pieces
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3255 Datasheet(HTML) 1 Page - Adafruit Industries

  3255 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Alligator Clip to Male Jumper Wire Bundle - 12
Pieces
PRODUCT ID: 3255
Description
For bread-boarding with unusual non-header-friendly surfaces, these cables will be your best
friends! No longer will you have long strands of alligator clips that are grabbing little wires.
These compact jumper cables have a premium male header on one end, and a grippy mini
alligator clip on the other.
Grab onto your Flora, Circuit Playground, micro:bit, Gemma, or even a banana, and plug it into a
breadboard for prototyping joy! You get 12 pieces in 6 colors.
12 piece set, color coded vinyl covered 1.25" alligator clips on one end, and male jumper wires
on the other end
Contains two of each: black, red, white, green, blue, and yellow
24 AWG wire
Technical Details
Bundle weight: 25g/0.89oz
Wire length end-to-end: 150mm / 6" ± 0.5"
Engineered in NYC Adafruit ®


Similar Part No. - 3255

ManufacturerPart #DatasheetDescription
logo
Heyco.
3255 HEYCO-3255 Datasheet
212Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
ASM GmbH
3255-50 ASM-SENSOR-3255-50 Datasheet
1Mb / 2P
DIIGIITAL HiiTESTER
logo
KR Electronics, Inc.
3255-805-HP KR-3255-805-HP Datasheet
91Kb / 3P
KR Electronics part number 3255-805-HP is a 805 MHz highpass filter
3255-805-HP-SMA KR-3255-805-HP-SMA Datasheet
81Kb / 3P
805 MHz Highpass Filter
3255-805-LP KR-3255-805-LP Datasheet
91Kb / 3P
805 MHz Lowpass Filter
More results

Similar Description - 3255

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6576 POMONA-6576 Datasheet
87Kb / 1P
Booted Alligator Clip To Booted Alligator Clip
logo
Pasternack Enterprises,...
PE9932-18-B PASTERNACK-PE9932-18-B Datasheet
191Kb / 1P
SINGLE WIRE PATCH CORD STANDARD ALLIGATOR CLIP TO STANDARD ALLIGATOR CLIP
PE9932-36-R PASTERNACK-PE9932-36-R Datasheet
191Kb / 1P
SINGLE WIRE PATCH CORD STANDARD ALLIGATOR CLIP TO STANDARD ALLIGATOR CLIP
PE9932-48-B PASTERNACK-PE9932-48-B Datasheet
191Kb / 1P
SINGLE WIRE PATCH CORD STANDARD ALLIGATOR CLIP TO STANDARD ALLIGATOR CLIP
PE9934-36-B PASTERNACK-PE9934-36-B Datasheet
119Kb / 1P
SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO MINI ALLIGATOR CLIP
PE9934-48-R PASTERNACK-PE9934-48-R Datasheet
119Kb / 1P
SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO MINI ALLIGATOR CLIP
PE9934-72-R PASTERNACK-PE9934-72-R Datasheet
119Kb / 1P
SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO MINI ALLIGATOR CLIP
PE9932-18-R PASTERNACK-PE9932-18-R Datasheet
191Kb / 1P
SINGLE WIRE PATCH STANDARD ALLIGATOR CLIP TO STANDARD ALLIGATOR CLIP
PE9934-36-R PASTERNACK-PE9934-36-R Datasheet
119Kb / 1P
SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO MINI ALLIGATOR CLIP
logo
Keystone Electronics Co...
5033 KEYSTONE-5033 Datasheet
200Kb / 1P
SMALL ALLIGATOR CLIP
11.18.82
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com