Electronic Components Datasheet Search
  English  ▼

X  

3313 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3313
Description  Kelvin Clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3313 Datasheet(HTML) 1 Page - Adafruit Industries

  3313 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kelvin Clip
PRODUCT ID: 3313
Description
Kelvin clips are used whenever you need to get a measurement right at the contact points of a circuit or
component. Even though these are grippy clips, each side of the clip is electrically insulated. So you can
use it to grab onto a part (as seen above) and perform measurements. These can also be used in circuit if
needed.
The clip is bare and comes with two jaw contacts that are screwed into each side of the plastic clip. No
wires are included, but you can easily solder to the clip jaws.
Technical Details
Product Dimensions: 51.5mm x 25.0mm x 12.4mm / 2.0" x 1.0" x 0.5"
Product Weight: 5.5g / 0.2oz
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/3313 5‐19‐17 


Similar Part No. - 3313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3313 ETC1-3313 Datasheet
48Kb / 1P
4700
logo
Bourns Electronic Solut...
3313 BOURNS-3313 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
KR Electronics, Inc.
3313 KR-3313 Datasheet
57Kb / 2P
KR Electronics 3313 is a 4.5 KHz active lowpass filter
logo
3M Electronics
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
logo
List of Unclassifed Man...
3313 ETC-3313 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
More results

Similar Description - 3313

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
List of Unclassifed Man...
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
Kelvin Clip
BU-78K ETC2-BU-78K Datasheet
48Kb / 1P
Kelvin Clip
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
Insulated Kelvin Battery Clip
BU-102BK ETC2-BU-102BK Datasheet
138Kb / 1P
Large Insulated Kelvin Battery Clip
logo
Aries Electronics, Inc.
23022 ARIES-23022 Datasheet
1Mb / 2P
Kelvin Test Socket
logo
NTE Electronics
72-162 NTE-72-162 Datasheet
146Kb / 3P
Kelvin Clip, Insulated, 10 Amp
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
Kelvin Source gate connection
logo
IET Labs Inc.
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
Kelvin-Varley Voltage Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com