Electronic Components Datasheet Search
  English  ▼

X  

RTD-805 Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # RTD-805
Description  General Purpose Industrial-Grade RTD Sensors (Class B)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

RTD-805 Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  RTD-805 Datasheet HTML 1Page - Omega Engineering, Inc. RTD-805 Datasheet HTML 2Page - Omega Engineering, Inc. RTD-805 Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C-105
How are OMEGA’s Model Numbers Constructed?
iDRN-RTD digital signal conditioner,
visit omega.com/idrn-idrx
CN606RTD3 6-zone 1
⁄4 DIN
temperature monitor.
OM-CP-OCTRTD 8-channel
data logger, visit omega.com/
om-cp-octrtd
13 mm
(0.5")
16 mm
(5⁄8")
32 mm
(11⁄4")
Air Temperature RTD Sensors
U
For Monitoring of Air and Gas Streams;
Mounts in Any Orientation
U
Exposed Sensing Element Has Fast
Response Times in Air
U
Available with Stainless Steel or
Plastic Housings
U
High-Accuracy, 100 Ω, Class “A” DIN
Platinum Element
U
3-Wire Construction for Connecting to
Most Instruments
U
Perfect for Air Temperature Monitoring
and Control in Laboratories and Laminar
Flow Benches
RTD-805, shown
smaller than
actual size.
RTD-805 with stainless
steel shield, shown
actual size.
RTD-806 with plastic
shield, shown actual
size.
Shown with standard MTP connector.
Other options available; see below.
To Order Visit omega.com/rtd-805_rtd-806 for Pricing and Details
Model Number
Sensing Element
Cable
Max Temperature
RTD-805
100 Ω Class “A” DIN
1 m (40”) PFA insulated
230ºC (450ºF)
RTD-806
100 Ω Class “A” DIN
1 m (40”) PFA insulated
230ºC (450ºF)
Popular Options Include:
Terminations Available: Provided with a miniature connector standard. For heavy-duty connector add
“-OTP” to model number for an additional
cost. For audio connector add
“-TA3F” to model number for an additional cost. For terminal lugs add “-LUG” to model number for an additional
cost.
Ordering Examples: RTD-805-TA3F, 100 Ω class “A” SST housing with terminal lugs.
Class “B” also available in economical 3-packs.
Termination Options: (Blank) = Miniature Connector (Standard)
OTP = Heavy-Duty Connector
LUG = Copper Lugs
TA3F = Audio Connector:
RTD — 805 — TA3F
RTD — 806 — LUG
Ordering Example: RTD-805-TA3F. RTD-806-SPRTX(M1).
Sensing element exposed
to air flow while protected
from debris.
PUK-2T-10PK DIN rail
terminal block, 10 pack, see
omega.com/terminal-blocks
ACCURACY
IEC CLASS
A
(±0.15ºC @ 0ºC)
#26 AWG stranded
nickel-plated copper,
PFA insulated,
PFA jacketed cable.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com