Electronic Components Datasheet Search
  English  ▼

X  

3365 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3365
Description  HDMI to RCA Audio and NTSC or PAL Video Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3365 Datasheet(HTML) 2 Page - Adafruit Industries

  3365 Datasheet HTML 1Page - Adafruit Industries 3365 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
audio signals. A switch on the side will select between standard 480i NTSC or 576i PAL.
Note that you will get some degradation of signal just by the fact that you'll be converting
HD video down to a low-rez display. That said, for many older devices, such as TVs,
CRTs, VCRs, projectors, DVD recorders, game console, etc. you may not have a choice.
Just be aware that it won't turn your 1990 TV into an HDMI-quality display!
Features
o
Compatible HDMI1.3, Supports HDMI input from 480i to 1080P. 3D and HDCP not 
supported (so turn off HDCP on your device) 
o
Selectable NTSC or PAL standard TV format outputs 
o
Also separates out the HDMI audio signal into left and right line level output. 
o
No need to install drivers! The adapter is portable, flexible, plug and play 
o
Package includes: Converter, USB Power Cable and User Manual 
Technical Details
o
Adapter body dimensions: 68mm x 55mm x 21mm 
o
Cable length: 28" / 760mm 
o
Powered via mini USB cable, plug into any USB hub, computer, or USB wall adapter (not 
included) 
Product Weight: 36.0g / 1.3oz
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com