Electronic Components Datasheet Search
  English  ▼

X  

CDSA-45 Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # CDSA-45
Description  Integral Or Remote Mount Conductivity/Resistivity Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

CDSA-45 Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  CDSA-45 Datasheet HTML 1Page - Omega Engineering, Inc. CDSA-45 Datasheet HTML 2Page - Omega Engineering, Inc. CDSA-45 Datasheet HTML 3Page - Omega Engineering, Inc. CDSA-45 Datasheet HTML 4Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Conductivity Cells for CDTX-2850-IM/RM Series
CDCE-90-10
10.0 Cell Conductivity Sensor
4.6 m (15')
cable (standard)
147
(5.8)
86
(3.4)
20.3 (0.8)
Standard ¾ NPT/316 SS fitting
Optional 316 SS
submersion adaptor
fitting ¾ NPT thread
152
(6)
¾ NPT
½" 316 SS OPT
4.6 m (15')
cable (standard)
Reversible
fitting assembly
for submersion
mounting
0.5
(13)
CDCE-90-1
sensor tip
CDCE-90-01
sensor tip
107
(4.2)
50
(2)
21
(0.8)
8
(0.3)
CDCE-90-20
20.0 Cell Conductivity Sensor
4.6 m (15')
203
(8.0)
89
(3.5)
20.3 (0.8)
Reversible fitting assembly
for submersion mounting
¾ NPT thread
CDCE-90-10
Cell Constant: 10.0
Conductivity Range: 100 to 200,000 μS
Temperature Compensation: Pt1000
O-Ring: EPR
Insulator Material: CPVC
Electrodes: 316 SS
Fitting Material: 316 SS
Maximum Pressure/Temperature:
100 psig @ 95°C (203°F)
CDCE-90-001, CDCE-90-01, CDCE-90-1
Cell:
CDCE-90-001: 0.01
CDCE-90-01: 0.1
CDCE-90-1: 1.0
Conductivity Range:
CDCE-90-001: 0.010 to 100 μS
(10 KΩ to 100 MΩ)
CDCE-90-01: 1 to 1000 μS
CDCE-90-1: 10 to 10,000 μS
Temperature Compensation: Pt1000
Wetted Materials:
O-Rings: EPR
Insulator Material: PTFE
Electrodes: 316 SS
Standard Fitting: Polypropylene
Maximum Pressure:
6.9 bar (100 psi)
Maximum Temperature:
100°C (212°F)
Optional Fitting:
316 SS 1/2 NPT
Maximum Pressure:
13.8 bar (200 psi)
Maximum
Temperature:
120°C (248°F)
CDCE-90-20
Cell Constant: 20.0
Conductivity Range: 200 to 400,000 μS
Temperature Compensation: Pt1000
O-Ring: EPR
Insulator Material: PTFE
Electrodes: 316 SS
Fitting Material: 316 SS
Maximum Pressure/ Temperature:
100 psig @ 150°C (302°F)
Dimensions:
mm (inch)
Dimensions:
mm (inch)
Dimensions:
mm (inch)
CDCE-90-001
All shown
smaller than
actual size.
CDCE-90-01
CDCE-90-1
CDCE-90-10 (left),
CDCE-90-20 (right),
shown smaller
than actual size.
CONDUCTIVITY INSTRUMENTS
CONDUCTIVITY INSTRUMENTS
E-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com