Electronic Components Datasheet Search
  English  ▼

X  

3398 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3398
Description  Keyboard with Blue-type Mechanical Switches and LED Backlights - 87-Key
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3398 Datasheet(HTML) 1 Page - Adafruit Industries

  3398 Datasheet HTML 1Page - Adafruit Industries 3398 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keyboard with Blue-type Mechanical
Switches and LED Backlights - 87-Key
PRODUCT ID: 3398
 
Description
If this keyboard doesn't catch your eye, we don't know what will! It's cool, it's colorful, and it's clicky in the best
way, and it'll make you feel like you're operating some kind of retro-futuristic typewriter. It's the Keyboard with
Blue-type Mechanical Switches and LED Backlights! With 87 keys and rows that are backlit by LEDs, you'll be
hacking, coding and gaming with unparalleled style. The six rows from the top down light up red, white, green, blue,
orange, and purple–but it doesn't stop there!


Similar Part No. - 3398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3398 ETC-3398 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3398 HEYCO-3398 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results

Similar Description - 3398

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
Mechanical Key Switch
logo
ITT Industries
MDAG04 ITT-MDAG04 Datasheet
43Kb / 2P
MD and MDP Key Switches
logo
fujitsu semiconductor
FKB8729 FUJITSU-FKB8729 Datasheet
449Kb / 8P
STANDARD KEYBOARD 104/105-Key Keyboard
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
Mechanical Key Switch
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Cherry Semiconductor Co...
J84-4300 CHERRY-J84-4300 Datasheet
71Kb / 2P
J84-4300 Wipe-key Keyboard
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
Key Switches
logo
SHENZHEN FUMAN ELECTRON...
SC1808D FUMAN-SC1808D Datasheet
176Kb / 1P
8-key keyboard
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
LED..B..M Series Backlights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com