Electronic Components Datasheet Search
  English  ▼

X  

3522 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3522
Description  Enameled Copper Magnet Wire – 11 meters / 0.1mm diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3522 Datasheet(HTML) 2 Page - Adafruit Industries

  3522 Datasheet HTML 1Page - Adafruit Industries 3522 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This spool is ~11.5 meters of ~38 AWG thick magnet wire, just enough to do a
few projects. We recommend a spool for every engineer's workbench. Like all
magnet wire there is a thin enameled insulation. Some people like to remove it
with a small flame (from a lighter, say) but we've found that an easy way to
remove it is to melt a blob of solder onto your iron and then dip the end into the
blob for a few seconds. Remove the wire and it'll be both cleaned off and tinned!
 
TECHNICAL DETAILS
Diameter: 0.1mm
Spool weight: 4.2g
Wire length: ~11.5m / 450"
 
 
 
 
 
 
 
                                              https://www.adafruit.com/product/3522 9‐14‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com