Electronic Components Datasheet Search
  English  ▼

X  

3547 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3547
Description  2.1mm DC Barrel Jack to 2nd Generation MagSafe Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3547 Datasheet(HTML) 2 Page - Adafruit Industries

  3547 Datasheet HTML 1Page - Adafruit Industries 3547 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
If you own a MacBook, you'll recognize this little friend. The premise of this 2.1mm DC Barrel Jack to 
2nd Generation MagSafe Adapter is simple. There's a MagSafe plug on one end and a 5.5mm/2.1mm 
DC barrel jack with center positive polarity on the other. This allows you to connect a 15‐20VDC power 
supply to something that expects to connect to 2nd gen. MagSafe. 
Since you can easily destroy hardware using this adapter, we really recommend it only for experts and 
people who fully understand what they're getting into by pushing arbitrary voltages into their fancy 
computers! Use a multimeter to probe the magjack pins to verify you've got the right voltages before 
plugging in into your computer. 
We also offer a version with a 1st generation MagSafe plug. 
There is no regulator or voltage protection in this adapter. If you plug in an incorrect power supply or 
wire it backwards, you could destroy your laptop ‐ so be really careful! 
Technical Details
Product Dimensions: 38.2mm x 21.7mm x 10.2mm / 1.5" x 0.9" x 0.4"  
Product Weight: 8.0g / 0.3oz  
 
 
 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/3547 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com