Electronic Components Datasheet Search
  English  ▼

X  

3561 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3561
Description  DIY HDMI Cable Parts - 20 cm HDMI Ribbon Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3561 Datasheet(HTML) 2 Page - Adafruit Industries

  3561 Datasheet HTML 1Page - Adafruit Industries 3561 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The two required HDMI adapters are not included! Check out all of the options we have in the shop to 
craft your very own custom cable. 
We tested out these DIY cable kits with a Raspberry Pi at 1080P and they worked great but note that 
they are not going to be as durable or shielded as ready‐made cables. 
 
Technical Details
o
Cable Length: 200mm 
o
Cable Width: 10mm / 0.4" 
o
Weight: 1.1g 
 
 
 
 
 
 
 
 
 
 
 
       https://www.adafruit.com/product/3561 9‐6‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com