Electronic Components Datasheet Search
  English  ▼

X  

3601 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3601
Description  Mini Bluetooth Keyboard – Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3601 Datasheet(HTML) 2 Page - Adafruit Industries

  3601 Datasheet HTML 1Page - Adafruit Industries 3601 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
Desktop System Requirements: 
o
Windows 7+, Mac OS X, Raspbian, Linux (any modern OS with Bluetooth Keyboard 
support) 
Mobile System Requirements 
o
Device must have built‐in Bluetooth function 
o
Mobile operating system should be one of the following: 
Google Android OS 
Windows Mobile (6.0 & later) OS 
Nokia Symbian S60 (V3.0 & later) OS 
iPhone 4.0 OS & later 
Features 
o
Bluetooth v3.0 ('classic' BT, not BTLE! But any computer with BTLE will have classic BT 
support as well) 
o
49 keys 
o
Built‐in rechargable Li‐Ion battery, Micro‐USB port charging 
o
Color LED for working status indication 
o
Built‐in intelligent power manage software for power conservation 
o
Working Range: 10m 
Package Contents 
o
Mini Bluetooth keyboard 
o
User Manual 
o
Power USB 2.0 Cable 
Product Dimensions: 115.0mm x 60.0mm x 8.6mm / 4.5" x 2.4" x 0.3"  
Product Weight: 40.1g / 1.4oz  
 
 
                                                 https://www.adafruit.com/product/3601 9‐28‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com