Electronic Components Datasheet Search
  English  ▼

X  

DC213KA Datasheet(PDF) 2 Page - DEWALT

Part # DC213KA
Description  Hammer Drills - Cordless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEWALT [DEWALT]
Direct Link  https://www.dewalt.com/
Logo DEWALT - DEWALT

DC213KA Datasheet(HTML) 2 Page - DEWALT

  DC213KA Datasheet HTML 1Page - DEWALT DC213KA Datasheet HTML 2Page - DEWALT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Price Each
Description
Order Code
DC224KA hammer drill
135-2941
Replacement battery DE0243
135-2973
Price Each
Description
Order Code
DC224KB hammer drill
135-2942
Replacement battery DE0241
135-2971
484226
24V 3 mode SDS-Plus hammer drill with quick
change chuck. Internal mechanism connected
to external housings via spring dampeners
meaning significantly lower vibration. Supplied
with charger, 2 x 3.0Ah Ni MH battery packs,
side handle, grease and carrying case.
DC224KB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com