Electronic Components Datasheet Search
  English  ▼

X  

CEFD1608 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEFD1608
Description  General Power & PoE Transformer Type: CEFD series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEFD1608 Datasheet(HTML) 1 Page - Sumida Corporation

  CEFD1608 Datasheet HTML 1Page - Sumida Corporation CEFD1608 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power & PoE Transformer<SMD Type: CEFD series>
Type: CEFD1608
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
10
6
51
4-2.5
± 0.2
8.4 MAX.
16.3 MAX.
10
6
5
1
0.9
2.5
1
3
4
5
6
8
7
9
◆
Product Description
・
22.3×16.3mm Max.(L×W), 8.4mm Max. Height.
・
Custom design is available.
◆
Feature
・
Max. Operating frequency 500KHz,Max. Operating Power 8.0W(500kHz).
・
Ideally used in Portable equipment.
・
Ideally used as PoE transformer.
・
RoHS Compliance
◆
Dimensions
(mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)
For General Power Transformer
For Power over Ethernet Transformer
“◍”
indicates winding start.


Similar Part No. - CEFD1608

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEFD1608 SUMIDA-CEFD1608_10 Datasheet
144Kb / 2P
General Power Transformer
More results

Similar Description - CEFD1608

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEE-98 SUMIDA-CEE-98 Datasheet
142Kb / 2P
General Power & PoE Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
General Power Transformer
CEFD2010 SUMIDA-CEFD2010 Datasheet
131Kb / 1P
Automotive Lighting WLED Driver Transformer
CEFD2010B SUMIDA-CEFD2010B Datasheet
131Kb / 1P
Power over Ethernet Transformer
CEFD2513B SUMIDA-CEFD2513B Datasheet
127Kb / 1P
Power over Ethernet Transformer
EEH116 SUMIDA-EEH116 Datasheet
129Kb / 2P
General Power & PoE Transformer
EEH157 SUMIDA-EEH157 Datasheet
129Kb / 2P
General Power & PoE Transformer
EF2017 SUMIDA-EF2017 Datasheet
138Kb / 2P
General Power & PoE Transformer
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
General Power Transformer
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com