Electronic Components Datasheet Search
  English  ▼

X  

MSR2020FCT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MSR2020FCT
Description  Switchmode Ultra-fast Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MSR2020FCT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MSR2020FCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MSR2020FCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
4
8
12
16
20
140
145
150
155
160
165
170
175
180
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
25
50
75
100
125
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
TA=25℃
10
100
1000
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1MHz
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TA=100℃
TA=25℃
TA=175℃
0.01
0.1
1
10
100
1000
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TA=100℃
TA=25℃
TA=175℃
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
http://www.lgesemi.com
Revision:20240607-P2
mail:lge@lgesemi.com
MSR2010FCT-MSR2060FCT
Switchmode Ultra-fast Power Rectifiers
TO-220
50pcs/Tube
558×148×38
1000
565×225×175
5000
Packge
Packing
Box Size
L×W×H(mm)
Quatity(pcs/box)
Carton Size
L×W×H(mm)
Quatity(pcs/carton)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com