Electronic Components Datasheet Search
  English  ▼

X  

MTSR2020PT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR2020PT
Description  Ultrafast Soft Recovery Diode, 200V, 10A×2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR2020PT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR2020PT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR2020PT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Information
TO-247 PACKAGE
Symbol
Dimensions(millimeters)
Min.
Max.
A
4.80
5.20
A1
2.21
2.61
A2
1.85
2.15
b
1.10
1.30
b1
2.55
2.85
b2
1.90
2.15
c
0.50
0.75
D
20.70
21.30
D1
16.25
16.85
e
5.25
5.65
E
15.60
16.00
E1
13.06
13.46
E2
4.80
5.20
E3
1.80
2.50
L
19.62
20.22
L1
4.00
4.30
ФP
3.40
3.80
ФP1
7.00
7.30
S
5.95
6.35
http://www.lgesemi.com
Revision:20240722-P2
mail:lge@lgesemi.com
MTSR2020PT
Ultrafast Soft Recovery Diode, 200V, 10A×2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com