Electronic Components Datasheet Search
  English  ▼

X  

MTSR3060 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR3060
Description  Super-Fast Recovery Diodes 30A FRD Pt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR3060 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR3060 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR3060 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR3060 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■Characteristics (Typical)
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25oC; VR=VRRM
TVJ=25oC; VR=0.8.VRRM
TVJ=125oC; VR=0.8.VRRM
100
50
7
uA
uA
mA
IR
IF=30A; TVJ=150oC
TVJ=25oC
1.9
2.3
V
VF
RthJC
RthCK
RthJA
1
35
K/W
0.25
VR=350V; IF=30A; -diF/dt=240A/us; L<0.05uH; TVJ=100oC
trr
IF=1A; -di/dt=100A/us; VR=30V; TVJ=25oC
ns
IRM
A
20
VTO
For power-loss calculations only
1.01
V
rT
7.1
m
TVJ=TVJM
25
10
_
11
Fig. 1 Forward current
Fig. 2 Recovery charge versus -di
F/dt.
Fig. 3 Peak reverse current versus
versus voltage drop.
-di
F/dt.
Fig. 4 Dynamic parameters versus
Fig. 5 Recovery time versus -di
F/dt.
Fig. 6 Peak forward voltage
junction temperature.
versus di
F/dt.
 
MTSR3060/MTSR3060F
 
http://www.lgesemi.com
Revision:20240607-P2
mail:lge@lgesemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com