Electronic Components Datasheet Search
  English  ▼

X  

MTSR860F Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MTSR860F
Description  Ultra-Fast Recovery Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MTSR860F Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MTSR860F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR860F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR860F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MTSR860F Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
■Electrical Characteristics
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Min
Typ
Max
Instantaneous forward voltage drop per diode
VFM
V
IFM=8.0A @Tj=25℃
-
1.55
1.7
IFM=8.0A @Tj=150℃
1.15
1.3
DC reverse current at
rated DC blocking voltage per diode
IRRM1
uA
VRM=VRRM
Tj=25℃
-
-
10
IRRM2
VRM=VRRM
Tj=150℃
-
40
200
Reverse Recovery Time
TRR
ns
IF=0.5A IRM=1A IRR=0.25A
Tj=25℃
-
20
25
Peak recovery current
IRRM
A
Tj=25℃
IF=8A
di/dt=-200A/us
VRM=200V
-
3.45
-
Tj=125℃
-
6.25
-
Reverse recovery charge
Qrr
nC
Tj=25℃
-
106.58
-
Tj=125℃
-
283.26
-
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
MT
SR860F
Thermal Resistance
Between junction and case
RθJ-C
℃
/W
4.0
Between junction and Air
RθJ-A
℃
/W
50
■Ordering Information (Example)
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MT
SR860F
Approximate 1.6
50
1000
5000
Tube
■Characteristics (Typical)
1
2
5
10
20
50
100
60
80
100
120
8.3ms Single
Half Sine-Wave
JEDEC Method
140
40
FIG2:Surge Forward Current Capability
Number of Cycles
20
Case Temperature(℃)
FIG1:Io -Tc Curve
0
1.0
50
100
150
2.0
3.0
4.0
5.0
6.0
7.0
8.0
200
TC measure point
http://www.lgesemi.com
Revision:20240607-P
2
mail:lge@lgesemi.com
MTSR860F
Ultra-Fast Recovery Diodes  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com