Electronic Components Datasheet Search
  English  ▼

X  

HG1002 Datasheet(PDF) 1 Page - Comus International

Part # HG1002
Description  Magnetic Reed Relay - Single pole - Form D - Mercury wetted contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

HG1002 Datasheet(HTML) 1 Page - Comus International

  HG1002 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: HG1002
Magnetic Reed Relay - Single pole - Form D - Mercury wetted contacts
Product Data Sheet
FEATURES
TERMINALS
• Resistant to Ambient Environmental Conditions
• Material : Metal
• Mechanical Stress Resistant
• Vibration Resistant
• Magnetic Shield
Diameter: Standard
Length: “octal”
Centers: Plug
Maximum Switching Power
VA / Watts
250
Maximum Switching Current
Amps AC/DC
5.0
Maximum Switching Voltage
Volts AC/DC
500
Breakdown Voltage
Volts AC
1000
Coil Resistance (+/- 10% @25˚C)
Ohms
4000
Maximum Coil Voltage
VDC
100
Pullin Current MAX
MADC
7.5
Dropout Current MIN
MADC
3.3
Dielectric
coil / case
1000 VAC
coil / cont
1000 VAC
cont / cont
1000 VAC
SPECIFICATION
CIRCUIT DIAGRAM
DIMENSIONS
Drawings not to scale.
All dimensions in inches nominal.
2.636
MAX
3.196
MAX
0.380 MAX
UP
1.300
MAX
Dia.
1.105
MAX
Dia.
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
4
5
6
7
8
1
2
3
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2014 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA


Similar Part No. - HG1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Infinite Electronics In...
HG102PS-NMO L-COM-HG102PS-NMO Datasheet
39Kb / 1P
HG102PS-NMO
07/16/2019
HG10382DU-GPS L-COM-HG10382DU-GPS Datasheet
682Kb / 8P
Dual Band Duplexed Antenna Kit with GPS 108-174 380-870 MHz NMO Mount/N Type Connectors
08/08/2019
HG1038DU L-COM-HG1038DU Datasheet
102Kb / 1P
HG1038DU
08/08/2019
HG104574DU L-COM-HG104574DU Datasheet
524Kb / 6P
Tri Band Duplexed Antenna Kit 108-174 450-520 746-870 MHz NMO Mount/N Type Connectors
08/09/2019
More results

Similar Description - HG1002

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
50W-1A11 DBLECTRO-50W-1A11 Datasheet
984Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
celduc-relais
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
F81A CELDUC-F81A Datasheet
137Kb / 2P
REED RELAY / MERCURY CONTACT
R072 CELDUC-R072 Datasheet
91Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
Dual-Pole, 2-Form-A OptoMOS Relay
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
Mercury-Wetted Reed Relays
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com