Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS05 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS05
Description  SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS05 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS05 Datasheet HTML 1Page - Texas Instruments SN74HCS05 Datasheet HTML 2Page - Texas Instruments SN74HCS05 Datasheet HTML 3Page - Texas Instruments SN74HCS05 Datasheet HTML 4Page - Texas Instruments SN74HCS05 Datasheet HTML 5Page - Texas Instruments SN74HCS05 Datasheet HTML 6Page - Texas Instruments SN74HCS05 Datasheet HTML 7Page - Texas Instruments SN74HCS05 Datasheet HTML 8Page - Texas Instruments SN74HCS05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 5 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Drive indicator LEDs
• Level-shift using open-drain outputs
• Invert a digital signal
3 Description
This device contains six independent inverter with
open-drain outputs and Schmitt-trigger inputs. Each
gate performs the Boolean function Y = A in positive
logic.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS05PWR
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS05DR
SOIC (14)
8.70 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger Inputs
www.ti.com
SN74HCS05
SCLS797A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS05
SN74HCS05
SCLS797A – JUNE 2020 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS05 TI2-SN74HCS05 Datasheet
1,020Kb / 24P
SN74HCS05-Q1 Automotive Hex Inverter with Open-Drain Outputs and Schmitt- Trigger Inputs
REVISED OCTOBER 2020
SN74HCS05-Q1 TI1-SN74HCS05-Q1 Datasheet
276Kb / 15P
SN74HCS05-Q1 Automotive Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS05-Q1 TI2-SN74HCS05-Q1 Datasheet
1,020Kb / 24P
SN74HCS05-Q1 Automotive Hex Inverter with Open-Drain Outputs and Schmitt- Trigger Inputs
REVISED OCTOBER 2020
SN74HCS05DR TI1-SN74HCS05DR Datasheet
276Kb / 15P
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
Hex Inverter with Schmitt Trigger Inputs
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
Hex Inverter with Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VHCV05FT TOSHIBA-TC74VHCV05FT Datasheet
186Kb / 8P
Hex Schmitt Inverter (open drain)
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS05-Q1 TI1-SN74HCS05-Q1 Datasheet
276Kb / 15P
SN74HCS05-Q1 Automotive Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS04 TI-SN74HCS04_V02 Datasheet
1Mb / 25P
SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com