Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS09DR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS09DR
Description  SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt- Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS09DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS09DR Datasheet HTML 6Page - Texas Instruments SN74HCS09DR Datasheet HTML 7Page - Texas Instruments SN74HCS09DR Datasheet HTML 8Page - Texas Instruments SN74HCS09DR Datasheet HTML 9Page - Texas Instruments SN74HCS09DR Datasheet HTML 10Page - Texas Instruments SN74HCS09DR Datasheet HTML 11Page - Texas Instruments SN74HCS09DR Datasheet HTML 12Page - Texas Instruments SN74HCS09DR Datasheet HTML 13Page - Texas Instruments SN74HCS09DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
In this application, two 2-input AND gates with open-drain outputs are combined to produce a 4-input AND gate
function as shown in Figure 9-1. The remaining two gates can be used for another application in the system, or
the inputs can be grounded and the channels left unused.
The SN74HCS09 is used to directly control the RESET pin of a motor controller. The controller requires four
input signals to all be HIGH before being enabled, and should be disabled in the event that any one signal goes
LOW. The 4-input AND gate function combines the four individual reset signals into a single active-low reset
signal.
9.2 Typical Application
OC
PG
CASE
ON/OFF
RESET
Power Supply
Motor Controller
On/Off Switch
Case Tamper
Switch
Over Current
Detection
Rpu
VCC
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
• All signals in the system operate at the same voltage within the recommended operating range of the device
• The motor controller should be disabled if any of these conditions apply:
– Power Supply is not ready (PG)
– Excessive current is detected ( OC)
– Excessive temperature is detected ( OT)
– The power switch is in the OFF position (ON/ OFF)
SN74HCS09
SCLS779A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com