Electronic Components Datasheet Search
  English  ▼

X  

CEP78B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP78B
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP78B Datasheet(HTML) 2 Page - Sumida Corporation

  CEP78B Datasheet HTML 1Page - Sumida Corporation CEP78B Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP78B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
J10147
1100
0.408:1
-81(25k, 2.0V)
Functional
ADSL CO
J10150
1090
0.9:1
-83(25k, 2.0V)
Functional
ADSL CO
J10167
100
0.408:1
-90.6(50k, 2.5V)
Functional
ADSL CO
J10168
1444
1.31:1
-87.9(30k, 2.0V)
Functional
ADSL CO
J10169
82
1.33:1
-91.4(100k, 3.3V)
Functional
ADSL CO
J10170
98
0.9:1
-89(50k, 2.5V)
Functional
ADSL CO
J10188
160
0.92:1
-74.2(10k, 2.0V)
Functional
ADSL CO
J10204
420
1.2:1
-80(30k, 1.4V)
Functional
ADSL CO
J14104
800
1.11:1
-80(50k, 5.0V)
Functional
VDSL CO
J14105
800
2:1
-86.8(50k, 5.0V)
Functional
VDSL CO
J14108
82
1.33:1
-90.6(138k, 2.0V)
Functional
VDSL CO
J14118
82
1.33:1
-80(138k, 2.0V)
Supplementary
VDSL CO
J14124
99
1.1:1
Functional
VDSL CO
J15137
1
1:1
Splitter
J15138
2.5
1:1
Splitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com