Electronic Components Datasheet Search
  English  ▼

X  

CEP124 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP124
Description  Power Inductors Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP124 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP124 Datasheet HTML 1Page - Sumida Corporation CEP124 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductors<SMD Type: CEP Series>
Type: CEP124
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
・
12.9×12.9 mm Max.(L×W), 5.0mm Max. Height.
・
Standard type and High Power Type are available.
・
Inductance Range:
0.68~4.0μH (standard type );
0.35~2.2μH (High Power type).
・
Saturation Current range:
8.8~20.8 A (Standard type ) ;
16.2~38.4A (High Power type).
・
Temperature rise current 12.6~18.4A
・
Custom design is available.
◆
Feature
・
Magnetically shielded construction.
・
Super high current, Mn-Zn core used, Flat wire used.
・
Ideally used in computer CPU power supply.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics (Bottom)
②
①
③
12.5±0.4
5.0 Max.
①
②
③
4.0±0.2 4.2±0.2
4.0
4.2
13.5


Similar Part No. - CEP124

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP123 SUMIDA-CEP123 Datasheet
243Kb / 1P
POWER INDUCTORS (SMD Type)
CEP123NP-1R2MC SUMIDA-CEP123NP-1R2MC Datasheet
173Kb / 2P
SMD Power Inductor
CEP123NP-2R0MC SUMIDA-CEP123NP-2R0MC Datasheet
173Kb / 2P
SMD Power Inductor
CEP123NP-3R2MC SUMIDA-CEP123NP-3R2MC Datasheet
173Kb / 2P
SMD Power Inductor
CEP123NP-4R6MC SUMIDA-CEP123NP-4R6MC Datasheet
173Kb / 2P
SMD Power Inductor
More results

Similar Description - CEP124

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
POWER INDUCTORS
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP79B SUMIDA-CEP79B Datasheet
139Kb / 1P
Power over Ethernet Transformer
CEP126 SUMIDA-CEP126 Datasheet
35Kb / 1P
POWER INDUCTORS
CEP127 SUMIDA-CEP127 Datasheet
62Kb / 1P
POWER INDUCTORS
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
ADSL Transformer
CEP911 SUMIDA-CEP911 Datasheet
39Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com