Electronic Components Datasheet Search
  English  ▼

X  

THS7360IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # THS7360IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7360IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7360IPWR Datasheet HTML 17Page - Texas Instruments THS7360IPWR Datasheet HTML 18Page - Texas Instruments THS7360IPWR Datasheet HTML 19Page - Texas Instruments THS7360IPWR Datasheet HTML 20Page - Texas Instruments THS7360IPWR Datasheet HTML 21Page - Texas Instruments THS7360IPWR Datasheet HTML 22Page - Texas Instruments THS7360IPWR Datasheet HTML 23Page - Texas Instruments THS7360IPWR Datasheet HTML 24Page - Texas Instruments THS7360IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
20
10
0
10
20
30
40
50
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V
=5V
Load=150
||5pF
DC-CoupledOutput
V =200mV
S+
O
PP
W
SDFilter
EDFilter
HDFilter
Bypass
Full-HD
Filter
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
1M
1G
Frequency(Hz)
10M
100M
SDFilter
EDFilter
HDFilter
Bypass
Full-HD
Filter
V
=5V
Load=
150
||5pF
S+
W
V =200mV
O
PP
DC-CoupledOutput
100
90
80
70
60
50
40
30
20
100k
100M
Frequency(Hz)
10M
1M
SDFilter
EDFilter
V
=5V
Load=150
||5pF
DC-CoupledOutput
S+
W
V =200mV
O
PP
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
100M
1M
SDFilter
EDFilter
HDFilter
Bypass
Full-HDFilter
V
=5V
Load=150
||5pF
DC-CoupledOutput
S+
W
V =200mV
O
PP
35
30
25
20
15
10
5
1M
100 M
Frequency(Hz)
10 M
HDFilter
Full-HDFilter
V
=5V
Load=150
||5pF
DC-CoupledOutput
S+
W
V =200mV
O
PP
THS7360
www.ti.com
SLOS674 – JUNE 2010
TYPICAL CHARACTERISTICS: 5 V, Selectable Filter (SF) Channels
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
SF CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
SF CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 37.
Figure 38.
SF CHANNELS GROUP DELAY vs FREQUENCY
SF CHANNELS PHASE vs FREQUENCY RESPONSE
RESPONSE
Figure 39.
Figure 40.
SF CHANNELS GROUP DELAY vs FREQUENCY RESPONSE
Figure 41.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS7360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com