Electronic Components Datasheet Search
  English  ▼

X  

CD54HC688 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC688
Description  High-Speed CMOS Logic 8-Bit Magnitude Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC688 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC688_08 Datasheet HTML 1Page - Texas Instruments CD54HC688_08 Datasheet HTML 2Page - Texas Instruments CD54HC688_08 Datasheet HTML 3Page - Texas Instruments CD54HC688_08 Datasheet HTML 4Page - Texas Instruments CD54HC688_08 Datasheet HTML 5Page - Texas Instruments CD54HC688_08 Datasheet HTML 6Page - Texas Instruments CD54HC688_08 Datasheet HTML 7Page - Texas Instruments CD54HC688_08 Datasheet HTML 8Page - Texas Instruments CD54HC688_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS196C
Features
• Cascadable
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC688 and ’HCT688 are 8-bit magnitude comparators
designed for use in computer and logic applications that
require the comparison of two 8-bit binary words. When the
compared words are equal the output (Y) is low and can be
used as the enabling input for the next device in a cascaded
application.
Pinout
CD54HC688, CD54HCT688 (CERDIP)
CD74HC688 (PDIP, SOIC, SOP, TSSOP)
CD74HCT688 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC688F3A
-55 to 125
20 Ld CERDIP
CD54HCT688F3A
-55 to 125
20 Ld CERDIP
CD74HC688E
-55 to 125
20 Ld PDIP
CD74HC688M
-55 to 125
20 Ld SOIC
CD74HC688M96
-55 to 125
20 Ld SOIC
CD74HC688NSR
-55 to 125
20 Ld SOP
CD74HC688PWR
-55 to 125
20 Ld TSSOP
CD74HC688PWT
-55 to 125
20 Ld TSSOP
CD74HCT688E
-55 to 125
20 Ld PDIP
CD74HCT688M
-55 to 125
20 Ld SOIC
CD74HCT688M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
E
A0
B0
A1
B1
A2
A3
B2
B3
GND
VCC
B7
A7
B6
Y
A6
B5
A5
B4
A4
September 1997 - Revised August 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC688, CD74HC688,
CD54HCT688, CD74HCT688
High-Speed CMOS Logic
8-Bit Magnitude Comparator
[ /Title
(CD74
HC688
,
CD74
HCT68
8)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD54HC688_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC688 TI-CD54HC688_07 Datasheet
414Kb / 17P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
More results

Similar Description - CD54HC688_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC688 TI-CD74HC688 Datasheet
44Kb / 7P
High Speed CMOS Logic 8-Bit Magnitude Comparator
CD74HC85 TI-CD74HC85 Datasheet
47Kb / 8P
High Speed CMOS Logic 4-Bit Magnitude Comparator
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Texas Instruments
CD54HCT688 TI-CD54HCT688 Datasheet
359Kb / 14P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85 Datasheet
353Kb / 15P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HC688 TI-CD54HC688_07 Datasheet
414Kb / 17P
High-Speed CMOS Logic 8-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85_07 Datasheet
498Kb / 17P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
CD54HC85 TI-CD54HC85_08 Datasheet
638Kb / 18P
High-Speed CMOS Logic 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com