Electronic Components Datasheet Search
  English  ▼

X  

THS6092CDDA Datasheet(PDF) 13 Page - Texas Instruments

Part # THS6092CDDA
Description  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6092CDDA Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6092CDDA Datasheet HTML 9Page - Texas Instruments THS6092CDDA Datasheet HTML 10Page - Texas Instruments THS6092CDDA Datasheet HTML 11Page - Texas Instruments THS6092CDDA Datasheet HTML 12Page - Texas Instruments THS6092CDDA Datasheet HTML 13Page - Texas Instruments THS6092CDDA Datasheet HTML 14Page - Texas Instruments THS6092CDDA Datasheet HTML 15Page - Texas Instruments THS6092CDDA Datasheet HTML 16Page - Texas Instruments THS6092CDDA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.ti.com
PACKAGE OUTLINE
C
12X 0.65
2X
3.9
14X
0.30
0.17
6.6
6.2
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.2 MAX
2X (0.6)
NOTE 5
2X (0.4)
NOTE 5
2.59
1.89
2.6
1.9
4X (0 -12 )
B
4.5
4.3
A
5.1
4.9
NOTE 3
0.75
0.50
(0.15) TYP
PowerPAD TSSOP - 1.2 mm max height
PWP0014K
SMALL OUTLINE PACKAGE
4229706/B 12/2023
1
7
8
14
0.1
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ or may not be present.
TM
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL
SCALE 2.500
THERMAL
PAD
1
7
8
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com