Electronic Components Datasheet Search
  English  ▼

X  

CD74HC688 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC688
Description  High-Speed CMOS Logic 8-Bit Magnitude Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC688 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC688 Datasheet HTML 2Page - Texas Instruments CD74HC688 Datasheet HTML 3Page - Texas Instruments CD74HC688 Datasheet HTML 4Page - Texas Instruments CD74HC688 Datasheet HTML 5Page - Texas Instruments CD74HC688 Datasheet HTML 6Page - Texas Instruments CD74HC688 Datasheet HTML 7Page - Texas Instruments CD74HC688 Datasheet HTML 8Page - Texas Instruments CD74HC688 Datasheet HTML 9Page - Texas Instruments CD74HC688 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
E to Output
tPLH,
tPHL
CL = 50pF
2
-
-
120
-
150
-
180
ns
4.5
-
-
24
-
30
-
36
ns
CL =15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
20
-
26
-
30
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
22
-
-
-
-
-
pF
HCT TYPES
Propagation Delay (Figure 1)
tPLH,
tPHL
CL = 50pF
4.5
-
-
34
-
42
-
51
ns
An to Output
CL =15pF
5
-
14
-
-
-
-
-
ns
Bn to Output
tPLH,
tPHL
CL = 50pF
4.5
-
-
34
-
42
-
51
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
E to Output
tPLH,
tPHL
CL = 50pF
4.5
-
-
24
-
30
-
36
ns
CL =15pF
5
-
9
-
-
-
-
-
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
22
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuit and Waveform
FIGURE 1. PROPAGATION DELAY AMD TRANSITION TIMES
tr = 6ns
OUTPUT Y
tf = 6ns
90%
VS
10%
VS
tTLH
ANY INPUT
A OR B
INPUT LEVEL
GND
tPLH
tPHL
tTHL
CD54HC688, CD74HC688, CD54HCT688, CD74HCT688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com