Electronic Components Datasheet Search
  English  ▼

X  

3752 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3752
Description  Proto-pasta - 2.85mm Diameter - Conductive Graphite Filament - 500g
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3752 Datasheet(HTML) 2 Page - Adafruit Industries

  3752 Datasheet HTML 1Page - Adafruit Industries 3752 Datasheet HTML 2Page - Adafruit Industries 3752 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Proto-pasta Conductive PLA is an FFF/FDM filament, so now you can print circuit
assembles with touch or light sensors or LEDs to your gamut of 3D printed
creations!
And, of course, even though it has the word "Pasta" in the name, it's
not for
eating.
Check out the Proto-pasta site here for more info and frequently asked
questions about this filament!
This filament performs best extruded between 195°C and 225°C.
Features:
Solid, weighted feel with 1.5x the density of standard PLA
Attracts magnets (neodymium type recommended for strongest attraction)
Induction at magnetic saturation about 0.15 Tesla
Relative (to air) permeability - between 5 and
8 independent of frequency up to 1 MHz
Permeability - between 62E-7 and 100E-7
H/m independent of frequency up to 1 MHz
More thermally conductive
Prints like PLA with less nozzle wear 'n tear
TECHNICAL DETAILS
Resistivity:
Volume resistivity of molded resin (not 3D Printed): 15 ohm-cm
Volume resistivity of 3D printed parts along layers (x/y): 30 ohm-cm
Volume resistivity of 3D printed parts against layers (z): 115 ohm-cm
Resistance of a 10cm length of 2.85mm filament: 600ohm
Bed Temp (if available, is not required): 50°C
Hot End Temp: 215 – 230°C (Proto-pasta runs it on the hotter side to encourage
layer adhesion)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com