Electronic Components Datasheet Search
  English  ▼

X  

3753 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3753
Description  Proto-pasta - 2.85mm Diameter - Magnetic Rustable Iron Filament - 500g
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3753 Datasheet(HTML) 2 Page - Adafruit Industries

  3753 Datasheet HTML 1Page - Adafruit Industries 3753 Datasheet HTML 2Page - Adafruit Industries 3753 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Proto-pasta Conductive PLA is an FFF/FDM filament, so now you can print circuit
assembles with touch or light sensors or LEDs to your gamut of 3D printed
creations!
Since this filament behaves similarly to iron, it's actually ferromagnetic, as
opposed to magnetic. This means that magnets will stick to items printed with
this filament, but 3D printed projects will not behave as magnets.
This filament behaves similarly to iron - even to the point of rusting - making it
a fantastic choice for costumes and props, so you can achieve that beautiful,
aged appearance.
And, of course, even though it has the word "Pasta" in the name, it's
not for
eating.
This filament performs best when extruded between 185°C and 215°C.
Check out Proto-pasta's helpful tips for rusting methods!
If you're looking for more information on the different types of 3D printing
material, here's a great tutorial on our Learn System!
TECHNICAL DETAILS
Resistivity:
Volume resistivity of molded resin (not 3D Printed): 15 ohm-cm
Volume resistivity of 3D printed parts along layers (x/y): 30 ohm-cm
Volume resistivity of 3D printed parts against layers (z): 115 ohm-cm
Resistance of a 10cm length of 2.85mm filament: 600ohm
Bed Temp (if available, is not required): 50°C
Hot End Temp: 215 – 230°C (Proto-pasta runs it on the hotter side to encourage
layer adhesion)
Performance:
Strength: Fair strength. More flexible than PLA, but less layer adhesion
Stiffness: Low, semi-flexible



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com