Electronic Components Datasheet Search
  English  ▼

X  

3789 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3789
Description  TT Motor Pulley - 36mm Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3789 Datasheet(HTML) 2 Page - Adafruit Industries

  3789 Datasheet HTML 1Page - Adafruit Industries 3789 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DETAILS
Weight: 1.8g
Center hole diameter: 2mm (2mm shaft), opposite flat slot for TT motors
Side hole diameters: 8 x 2mm (nominal, may have some slight variation)
Adjacent hole distance: 5mm
Slot diameter: 2mm
Product Dimensions: 36.0mm x 36.0mm x 4.0mm / 1.4" x 1.4" x 0.2"
Product Weight: 1.8g / 0.1oz
 
 
 
                                             https://www.adafruit.com/product/3789 5‐31‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com