Electronic Components Datasheet Search
  English  ▼

X  

CD74HC192PW Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC192PW
Description  High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC192PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC192PW Datasheet HTML 3Page - Texas Instruments CD74HC192PW Datasheet HTML 4Page - Texas Instruments CD74HC192PW Datasheet HTML 5Page - Texas Instruments CD74HC192PW Datasheet HTML 6Page - Texas Instruments CD74HC192PW Datasheet HTML 7Page - Texas Instruments CD74HC192PW Datasheet HTML 8Page - Texas Instruments CD74HC192PW Datasheet HTML 9Page - Texas Instruments CD74HC192PW Datasheet HTML 10Page - Texas Instruments CD74HC192PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
CPD to Qn
tPLH, tPHL CL = 50pF
2
-
-
220
-
270
-
325
ns
CL = 50pF
4.5
-
-
43
-
54
-
65
ns
CL = 15pF
5
-
18
-
-
-
-
ns
CL = 50pF
6
-
-
37
-
46
-
55
ns
PL to Qn
tPLH, tPHL CL = 50pF
2
-
-
220
-
275
-
330
ns
CL = 50pF
4.5
-
-
44
-
55
-
66
ns
CL = 15pF
5
-
18
-
----
ns
CL = 50pF
6
-
-
37
-
47
-
56
ns
MR to Qn
tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
----
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
Q, TCU, TCD
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
40
-
----
pF
HCT TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
4.5
-
-
27
-
34
-
41
ns
CPU to TCU
CL = 15pF
5
-
11
-
----
ns
CPU to TCD
tPLH, tPHL CL = 50pF
4.5
-
-
27
-
34
-
41
ns
CL = 15pF
5
-
11
-
----
ns
CPU to Qn
tPLH, tPHL CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
----
ns
CPD to Qn
tPLH, tPHL CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
----
ns
PL to Qn
tPLH, tPHL CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
21
-
----
ns
MR to Qn
tPHL
CL = 50pF
4.5
-
-
43
-
54
-
65
ns
CL = 15pF
5
-
18
-
----
ns
Transition Time
tTLH, tTHL
CL = 50pF
Q, TCU, TCD
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL = 15pF
5
-
50
-
----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i + ∑ (CL VCC
2) where f
i = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54/74HC192, CD54/74HC193, CD54/74HCT193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com