Electronic Components Datasheet Search
  English  ▼

X  

CEP911 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP911
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP911 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP911 Datasheet HTML 1Page - Sumida Corporation CEP911 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP911
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆ Product Description
・10.0×10.0mm Max.(L×W),11.5mm Max. Height.
◆ Feature
・xDSL line transformer.
・Ideally used in ADSL/VDSL Central Office.
・Approved by Conexant,Infineon and TI.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Land Pattern (mm)
◆Schematics(Bottom)
7.5
[0.295]
8.7
[0.343]
1.2
[0.047]
2.5
[0.098]
10.0 MAX
[.394]
10.0 MAX
[.394]
Part Number
Date Code
Country of Origin
sumida
11.5 MAX
6x2.5
[.098]
8x0.6
[.024]
1
4
8
5
1
8
4
5
1
4
8
5
6
7
Line
Chip
3
1
4
8
5
6
7
Line
Chip
3
2
(B)
(A)
2


Similar Part No. - CEP911

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP912 SUMIDA-CEP912 Datasheet
43Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP913 SUMIDA-CEP913 Datasheet
71Kb / 2P
xDSL Transformer
More results

Similar Description - CEP911

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
ADSL Transformer
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
ADSL Transformer
CEP810 SUMIDA-CEP810 Datasheet
46Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com