Electronic Components Datasheet Search
  English  ▼

X  

3946 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3946
Description  Large Long Plastic Snap Rivets - 13mm to 16mm - 10 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3946 Datasheet(HTML) 2 Page - Adafruit Industries

  3946 Datasheet HTML 1Page - Adafruit Industries 3946 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unlike our previous pop rivet packs (say that five times fast!), these are
constructed with a larger, wider head (approx 19mm) AND longer tails (approx
14mm), allowing you to craft with thicker cardboard.
Works best with 2 ply cardboard, cardstock or other paper products that are
about 2mm thick. You can connect two pieces together with one rivet and they'll
rotate. Two rivets can be used if you want them to stay still.
Grab some cardboard and get making!
TECHNICAL DETAILS
Single rivet: 18.8 x 18.8 x 14.2mm
                                              https://www.adafruit.com/product/3946 10‐4‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com