Electronic Components Datasheet Search
  English  ▼

X  

3947 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3947
Description  Large Short Plastic Snap Rivets - 9mm to 13mm - 10 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3947 Datasheet(HTML) 2 Page - Adafruit Industries

  3947 Datasheet HTML 1Page - Adafruit Industries 3947 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Works best with cardboard, foam or other thick materials, and can fit about
9mm to 13mm thick material. You can crunch the two halves together as much
as you like to get a tighter fit. You can connect two pieces together with one
rivet and they'll rotate. Two rivets can be used if you want them to stay still.
If you need to connect some thicker material, check out the longer version of
these rivets.
Grab some cardboard and get making!
TECHNICAL DETAILS
Single half rivet: 19mm x 19 x 10.7
Material hole diameter: 9mm
Material thickness: 8.8mm to 12.8mm
                                               https://www.adafruit.com/product/3947 10‐4‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com