Electronic Components Datasheet Search
  English  ▼

X  

D4CC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4CC
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4CC Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4CC Datasheet HTML 1Page - Omron Electronics LLC D4CC Datasheet HTML 2Page - Omron Electronics LLC D4CC Datasheet HTML 3Page - Omron Electronics LLC D4CC Datasheet HTML 4Page - Omron Electronics LLC D4CC Datasheet HTML 5Page - Omron Electronics LLC D4CC Datasheet HTML 6Page - Omron Electronics LLC D4CC Datasheet HTML 7Page - Omron Electronics LLC D4CC Datasheet HTML 8Page - Omron Electronics LLC D4CC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CSM_D4CC_DS_E_3_2
1
Miniature Limit Switch
D4CC
Many Models Including Roller Lever
Switches are Only 16-mm Thick with
Connector
• New center roller lever models that enable ganged mounting
of up to 6 Switches.
• Cable connectors for easy Switch replacement.
• Triple-seal construction to provide IEC IP67 degree of
protection.
• Operation indicators available for easy monitoring (standard
indicator is lit when Switch is not operating).
• Approved by UL and CSA.
(Ask your OMRON representative for Information on
approved models.)
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read Safety Precautions on page 7 to 8
and Safety Precautions for All Limit Switches.
Model Number Structure
Model Number Legend (Not all combinations are possible. Ask your OMRON representative for details.)
Ordering Information
Switches
Limit Switches
Note: 1. Ask your OMRON representative for Information on approved models.
2. The meaning of suffix codes in the D4CC model numbers is different from that in the D4C model numbers.
3. Refer to the following table for cable plugs.
Ratings
1 A at 125 VAC
1 A at 30 VDC
Actuator
LED indicator
Without indicator
With indicator
Without indicator
With indicator
Model
Model
Model
Model
Pin
plunger
D4CC-1001
D4CC-2001
D4CC-3001
D4CC-4001
Roller
plunger
D4CC-1002
D4CC-2002
D4CC-3002
D4CC-4002
Crossroller
plunger
D4CC-1003
D4CC-2003
D4CC-3003
D4CC-4003
High-sensitivity
roller lever
D4CC-1024
D4CC-2024
D4CC-3024
D4CC-4024
Sealed pin
plunger
D4CC-1031
D4CC-2031
D4CC-3031
D4CC-4031
Sealed roller
plunger
D4CC-1032
D4CC-2032
D4CC-3032
D4CC-4032
Sealed crossroller
plunger
D4CC-1033
---
D4CC-3033
D4CC-4033
Plastic
rod
D4CC-1050
D4CC-2050
D4CC-3050
D4CC-4050
Center
roller lever
D4CC-1060
D4CC-2060
D4CC-3060
D4CC-4060
D4CC-
@0@@
(1)
(2)
(1) Rated Current
1 : 1 A at 125 VAC
2 : 1 A at 125 VAC (with LED indicator)
3 : 1 A at 30 VDC
4 : 1 A at 30 VDC (with LED indicator)
(2) Actuator
01 : Pin plunger
02 : Roller plunger
03 : Crossroller plunger
24 : Roller lever
31 : Sealed pin plunger
32 : Sealed roller plunger
33 : Sealed crossroller plunger
50 : Plastic rod
60 : Center roller lever


Similar Part No. - D4CC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4CC4024 OMRON-D4CC4024 Datasheet
340Kb / 12P
Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
More results

Similar Description - D4CC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4CC4024 OMRON-D4CC4024 Datasheet
340Kb / 12P
Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
logo
Festo Corporation.
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
Roller lever valve
VMEF-K-M52-M-N14 FESTO-VMEF-K-M52-M-N14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
Roller lever valve
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com