Electronic Components Datasheet Search
  English  ▼

X  

DRDCS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DRDCS
Description  Panduct ® PanelMax ™ DIN Rail Wiring Duct
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DRDCS Datasheet(HTML) 1 Page - PANDUIT CORP.

  DRDCS Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Panduct ® PanelMax ™ DIN Rail Wiring Duct
Product sold base and cover together in 6 ft. lengths. Replace LG with WH for white color.
DRD
DRDWR
DRDCS
• Space saving design positions DIN rail and components off the
panel directly above an integrated wire management channel
for up to a 30% smaller footprint for duct and components;
increased design flexibility and component access for easier
installation and maintenance
• DIN rail and DIN component compatible with standard 35mm
or 15mm rails and many DIN rail mount components for
design flexibility
• Integrated DIN rail fastening slot allows the DIN rail to mount
directly to product with plastic thread cutting screws for up to
40% faster duct and rail installation and reduced labor costs
• Hinged cover remains attached during maintenance and upgrades
preventing lost covers, ensuring panel integrity, safety and
aesthetics; L-shaped cover acts as ledge to aid wire installation
for ease of use
• Slotted platform (horizontal) manage the wire from channel
mounted components, outer sidewall slots (vertical) manage wire
from adjacent panel mounted components; unique finger and slot
progression for optimal wire management and aesthetics
• Channel pass through slots allows wires to transition internally
between channels to ease wire connections
to either side of components mounted on the same rail minimizing
wire length and reducing material cost
• Optional wire retainer accessory retains cabling with
cover opened or removed easing wire installation and
future wire additions
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
DRD22LG6
2" height PanelMax ™ DIN Rail Wiring Duct with
dual wiring channels. Base, covers and DIN rail
fasteners included.
6 Ft.
6 Ft.
DRD33LG6
3" height PanelMax ™ DIN Rail Wiring Duct with dual wiring
channels. Base, covers and DIN rail fasteners included.
6 Ft.
6 Ft.
DRD44LG6
4" height PanelMax ™ DIN Rail Wiring Duct with
dual wiring channels. Base, covers and DIN rail
fasteners included.
6 Ft.
6 Ft.
DRDC2LG6
2" replacement cover for PanelMax ™ DIN Rail
Wiring Duct.
6 Ft.
24 Ft.
DRDC3LG6
3" replacement cover for PanelMax ™ DIN Rail
Wiring Duct.
6 Ft.
24 Ft.
DRDC4LG6
4" replacement cover for PanelMax ™ DIN Rail
Wiring Duct.
6 Ft.
24 Ft.
DRDSF-C
Replacement DIN rail fasteners for PanelMax ™
DIN Rail Wiring Duct.
100
—
DRDWR2-X
2" wire retainer for PanelMax ™ DIN Rail Wiring Duct.
10
100
DRDWR3-X
3" wire retainer for PanelMax ™ DIN Rail Wiring Duct.
10
100
DRDWR4-X
4" wire retainer for PanelMax ™ DIN Rail Wiring Duct.
10
100
DRDCS2-X
2" corner strip for PanelMax ™ DIN Rail Wiring Duct.
10
100
DRDCS3-X
3" corner strip for PanelMax ™ DIN Rail Wiring Duct.
10
100
DRDCS4-X
4" corner strip for PanelMax ™ DIN Rail Wiring Duct.
10
100


Similar Part No. - DRDCS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 3
DRDC3105 DIODES-DRDC3105 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
DRDC3105E6-7 DIODES-DRDC3105E6-7 Datasheet
214Kb / 9P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 3
DRDC3105E6-7 DIODES-DRDC3105E6-7 Datasheet
375Kb / 10P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 5
DRDC3105F-7 DIODES-DRDC3105F-7 Datasheet
214Kb / 9P
INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
Rev 3
More results

Similar Description - DRDCS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3950D ADVANTECH-ADAM-3950D Datasheet
66Kb / 1P
Wiring Terminals for DIN-rail Mounting
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
75Kb / 1P
Wiring Terminals for DIN-rail Mounting
ADAM-3952 ADVANTECH-ADAM-3952 Datasheet
191Kb / 1P
PCI-1240U/PCM-3240 Wiring Terminals for DIN-rail Mounting
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
PANDUIT CORP.
NC1WH6 PANDUIT-NC1WH6 Datasheet
82Kb / 2P
Bench Mount Wiring Duct Cutting Tool
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
F1X2LG6 PANDUIT-F1X2LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
logo
Emerson Network Power
SDN10-24-100P EMERSON-NETWORKPOWER-SDN10-24-100P Datasheet
429Kb / 5P
SDN-P™ DIN Rail Series
logo
Advantech Co., Ltd.
UNO-148 ADVANTECH-UNO-148 Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com