Electronic Components Datasheet Search
  English  ▼

X  

UGB18ACT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # UGB18ACT
Description  Ultrafast Efficient Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

UGB18ACT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  UGB18ACT Datasheet HTML 1Page - Inchange Semiconductor Company Limited UGB18ACT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Efficient Rectifier Diode
UGB18ACT
www.iscsemi.com
1
FEATURES
· Soft Recovery Characteristics
· Glass Passivated Junctions
· Excellent High Temperature Switching
APPLICATIONS
· Switching Power Supplies
· Freewheeling Diode
· DC-to-DC Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
50
V
IF(AV)
Average Rectified Forward Current
9×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms single half sine-ware
superimposed)
175
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
per Diode
4.0
℃
/W
2
2
3
1


Similar Part No. - UGB18ACT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UGB18ACT VISHAY-UGB18ACT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
More results

Similar Description - UGB18ACT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF15G GE-SUF15G Datasheet
55Kb / 2P
ULTRAFAST EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
AUSUGC10JH ZOWIE-AUSUGC10JH Datasheet
44Kb / 2P
Ultrafast Efficient Rectifier
SUGC08KH ZOWIE-SUGC08KH Datasheet
38Kb / 2P
Ultrafast Efficient Rectifier
UGC10DAPH ZOWIE-UGC10DAPH Datasheet
46Kb / 2P
Ultrafast Efficient Rectifier
BUGC20DAPH ZOWIE-BUGC20DAPH Datasheet
63Kb / 2P
Ultrafast Efficient Rectifier
BUGC20DH ZOWIE-BUGC20DH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
BUGC30DH ZOWIE-BUGC30DH Datasheet
66Kb / 2P
Ultrafast Efficient Rectifier
BYD127ZH ZOWIE-BYD127ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
BYD147ZH ZOWIE-BYD147ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
BYD187ZH ZOWIE-BYD187ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com