Electronic Components Datasheet Search
  English  ▼

X  

UH10FT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # UH10FT
Description  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

UH10FT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  UH10FT Datasheet HTML 1Page - Inchange Semiconductor Company Limited UH10FT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Diode
UH10FT
www.iscsemi.com
1
FEATURES
· Ultrafast Recovery Times
· Low Switching Losses
· Excellent High Temperature Switching
APPLICATIONS
· Switching Power Supplies
· Freewheeling Diode
· DC-to-DC Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms single half sine-ware
superimposed)
180
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
TO-220C Package
3
1
2


Similar Part No. - UH10FT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH10FT VISHAY-UH10FT Datasheet
138Kb / 5P
Ultrafast Recovery Rectifier
13-May-08
UH10FT VISHAY-UH10FT Datasheet
129Kb / 5P
Ultrafast Recovery Rectifier
Revision: 13-May-08
UH10FT-E3/4W VISHAY-UH10FT-E3/4W Datasheet
138Kb / 5P
Ultrafast Recovery Rectifier
13-May-08
UH10FT VISHAY-UH10FT_V01 Datasheet
129Kb / 5P
Ultrafast Recovery Rectifier
Revision: 13-May-08
More results

Similar Description - UH10FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com