Electronic Components Datasheet Search
  English  ▼

X  

01034_KE24 Datasheet(PDF) 2 Page - VAT Group AG

Part # 01034_KE24
Description  Mini UHV gate valve, Series 010, DN 50 (ID 2’’)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

01034_KE24 Datasheet(HTML) 2 Page - VAT Group AG

  01034_KE24 Datasheet HTML 1Page - VAT Group AG 01034_KE24 Datasheet HTML 2Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet
Mini UHV gate valve, Series 010, DN 50 (ID 2
’’)
Ordering No. 01034-KE24
Created by: SON
Release date: 2012-12-06
2 of 2
Modified by:
Release date:
276788EA
Behavior in case of compressed
air pressure drop
– Valve closed
– Valve open
valve remains closed
depending on customer installation
Behavior in case of power failure
– Valve closed
– Valve open
depending on customer installation
depending on customer installation
Position indicator
Wiring diagram
Type
Micro switch
Voltage
250 V AC
50 V DC
Current max.
5.0 A
3 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com