Electronic Components Datasheet Search
  English  ▼

X  

TLC1078IP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC1078IP
Description  LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1078IP Datasheet(HTML) 2 Page - Texas Instruments

  TLC1078IP Datasheet HTML 1Page - Texas Instruments TLC1078IP Datasheet HTML 2Page - Texas Instruments TLC1078IP Datasheet HTML 3Page - Texas Instruments TLC1078IP Datasheet HTML 4Page - Texas Instruments TLC1078IP Datasheet HTML 5Page - Texas Instruments TLC1078IP Datasheet HTML 6Page - Texas Instruments TLC1078IP Datasheet HTML 7Page - Texas Instruments TLC1078IP Datasheet HTML 8Page - Texas Instruments TLC1078IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TLC107x incorporates internal ESD-protection circuits that will prevent functional failures at voltages up
to 2000 V as tested under MIL-PRF-38535, Method 3015.2; however, care should be exercised when handling
these devices as exposure to ESD may result in degradation of the device parametric performance. The
TLC107x design also inhibits latch-up of the device inputs and outputs even with surge currents as large
100 mA.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C. The wide range of packaging options includes small-outline and
chip-carrier versions for high-density system applications.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL OUTLINE†
CHIP CARRIER
CERAMIC DIP
CERAMIC DIP
PLASTIC DIP
PLASTIC DIP
FORM‡
(Y)
(D)
(FK)
(J)
(JG)
(N)
(P)
(Y)
0
°C to 70°C
TLC1078CD
TLC1079CD
—
—
—
TLC1079CN
TLC1078CP
TLC1078Y
TLC1079Y
– 40
°C to 85°C
TLC1078ID
TLC1079ID
—
—
—
TLC1079IN
TLC1078IP
—
– 55
°C to 125°C
TLC1078MD
TLC1079MD
TLC1078MFK
TLC1079MFK
TLC1079MJ
TLC1078MJG
TLC1079MN
TLC1078MP
—
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., TLC1078CDR).
‡ Chip forms are tested 25
°C only.
symbol (each amplifier)
OUT
IN –
IN +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com