Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02C Datasheet(PDF) 36 Page - Texas Instruments

Part # TLC320AC02C
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02C Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC320AC02C Datasheet HTML 32Page - Texas Instruments TLC320AC02C Datasheet HTML 33Page - Texas Instruments TLC320AC02C Datasheet HTML 34Page - Texas Instruments TLC320AC02C Datasheet HTML 35Page - Texas Instruments TLC320AC02C Datasheet HTML 36Page - Texas Instruments TLC320AC02C Datasheet HTML 37Page - Texas Instruments TLC320AC02C Datasheet HTML 38Page - Texas Instruments TLC320AC02C Datasheet HTML 39Page - Texas Instruments TLC320AC02C Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
2–22
2.20.5
Register 4 (Amplifier Gain-Select Register)
The following command contains the amplifier gain-select register address with selection code for the
monitor output (DS05 – DS04), analog input (DS03 – DS02), and analog output (DS01 – DS00)
programmable gains.
DS15 DS14 DS13 DS12 DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
R/W
00
00
1
Control Bits
XX
**
**
**
Monitor output gain = squelch
Monitor output gain = 0 dB
Monitor output gain = – 8 dB
Monitor output gain = – 18 dB
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
Analog input gain = squelch
Analog input gain = 0 dB
Analog input gain = 6 dB
Analog input gain = 12 dB
Analog output gain = squelch
Analog output gain = 0 dB
Analog output gain = – 6 dB
Analog output gain = – 12 dB
The default value of the monitor output gain is squelch, which corresponds to data bits DS05 and DS04 equal
to 00 (binary).
The default value of the analog input gain is 0 dB, which corresponds to data bits DS03 and DS02 equal
to 01 (binary).
The default value of the analog output gain is 0 dB, which corresponds to data bits DS01 and DS00 equal
to 01 (binary).
The default data value is shown below.
DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
0
00
00
01
1
2.20.6
Register 5 (Analog Configuration Register)
The following command loads the analog configuration register with the individual bit functions described
below.
DS15 DS14 DS13 DS12 DS11 DS10 DS09 DS08 DS07 DS06 DS05 DS04 DS03 DS02 DS01 DS00
R/W
00
01
1
Control Bits
XX
X
**
*
*
Must be set to 0
0
High-pass filter disabled
High-pass filter enabled
Enable analog input summing
X
1
Analog loopback enabled
00
Enables IN + and IN – (disables AUXIN + and AUXIN –)
0
1
Enables AUXIN + and AUXIN – (disables IN + and IN –)
10
11
0
The default value of the high-pass-filter enable bit is 0, which places the high-pass filter in the signal path.
The default values of DS01 and DS00 are 0 and 1 which enables IN + and IN –.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com