Electronic Components Datasheet Search
  English  ▼

X  

C10201 Datasheet(PDF) 2 Page - Sumida Corporation

Part # C10201
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C10201 Datasheet(HTML) 2 Page - Sumida Corporation

  C10201 Datasheet HTML 1Page - Sumida Corporation C10201 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP1311C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
C10113A
700
3.95:2.04:1
-86.0 (20K,5.3V)
Supplementary
ADSL CPE
C10125
400
4.25:4.25:1
-82 (25K,3.9V)
Functional
ADSL CPE
C10129B
700
3.95:2.04:1
-85 (20K,3.3V)
Supplementary
ADSL CPE
C10134
700
4:2:1
-93 (30K,5.3V)
Supplementary
ADSL CPE
C10156
700
4.6:2.04:1
-92 (20K,5.3V)
Supplementary
ADSL CPE
C10172
700
4:2:1
-92 (30K,5.3V)
Supplementary
ADSL CPE
C10175
700
3.95:2:1
-86.0 (20K,5.3V)
Supplementary
ADSL CPE
C10180
1400
3.8:2:1
-98.0 (30K,3.3V)
Supplementary
ADSL CPE
C10201
400
4.25:4.25:1
-83 (25K,3.9V)
Supplementary
ADSL CPE
C10202
100
4.25:4.25:1
-87 (85K,2.0V)
Supplementary
ADSL CPE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com