Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 2Page - Texas Instruments TMP464 Datasheet HTML 3Page - Texas Instruments TMP464 Datasheet HTML 4Page - Texas Instruments TMP464 Datasheet HTML 5Page - Texas Instruments TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments TMP464 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
P
S
t(HD:STA)
t(HD:DAT)
t(HIGH)
t(SU:DAT)
t(SU:STO)
S
P
SCL
SDA
t(LOW)
tr
tf
VIH
VIL
t(BUF)
VIH
VIL
t(SU:STA)
6
TMP464
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
The maximum tHD;DAT can be 0.9 µs for fast mode, and is less than the maximum tVD;DAT by a transition time.
(2)
tVD;DAT = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
6.6 Two-Wire Timing Requirements
at TA = –40°C to +125°C and V+ = 1.7 V to 3.6 V (unless otherwise noted)
The master and the slave have the same V+ value. Values are based on statistical analysis of samples tested during initial
release.
MIN
MAX
UNIT
fSCL
SCL operating frequency
Fast mode
0.001
0.4
MHz
High-speed mode
0.001
2.56
tBUF
Bus free time between stop and start
condition
Fast mode
1300
ns
High-speed mode
160
tHD;STA
Hold time after repeated start condition.
After this period, the first clock is generated.
Fast mode
600
ns
High-speed mode
160
tSU;STA
Repeated start condition setup time
Fast mode
600
ns
High-speed mode
160
tSU;STO
Stop condition setup time
Fast mode
600
ns
High-speed mode
160
tHD;DAT
Data hold time
Fast mode
0
(1)ns
High-speed mode
0
130
tVD;DAT
Data valid time(2)
Fast mode
0
900
ns
High-speed mode
—
—
tSU;DAT
Data setup time
Fast mode
100
ns
High-speed mode
20
tLOW
SCL clock low period
Fast mode
1300
ns
High-speed mode
250
tHIGH
SCL clock high period
Fast mode
600
ns
High-speed mode
60
tF – SDA
Data fall time
Fast mode
20 × (V+ / 5.5)
300
ns
High-speed mode
100
tF, tR – SCL
Clock fall and rise time
Fast mode
300
ns
High-speed mode
40
tR
Rise time for SCL
≤ 100 kHz
Fast mode
1000
ns
High-speed mode
Serial bus timeout
Fast mode
15
20
ms
High-speed mode
15
20
Figure 1. Two-Wire Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com