Electronic Components Datasheet Search
  English  ▼

X  

TLV73310PDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV73310PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73310PDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV73310PDBVT Datasheet HTML 9Page - Texas Instruments TLV73310PDBVT Datasheet HTML 10Page - Texas Instruments TLV73310PDBVT Datasheet HTML 11Page - Texas Instruments TLV73310PDBVT Datasheet HTML 12Page - Texas Instruments TLV73310PDBVT Datasheet HTML 13Page - Texas Instruments TLV73310PDBVT Datasheet HTML 14Page - Texas Instruments TLV73310PDBVT Datasheet HTML 15Page - Texas Instruments TLV73310PDBVT Datasheet HTML 16Page - Texas Instruments TLV73310PDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Current
Limit
UVLO
Bandgap
IN
EN
OUT
Logic
GND
TLV733
120 W
Thermal
Shutdown
13
TLV733P
www.ti.com
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV733 belongs to a new family of next-generation, low-dropout regulators (LDOs). These devices consume
low quiescent current and deliver excellent line and load transient performance. These characteristics, combined
with low noise, good PSRR with low dropout voltage, make this family of devices ideal for portable consumer
applications.
This family of regulators offers foldback current limit, shutdown, and thermal protection. The operating junction
temperature for this family of devices is –40°C to 125°C.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com