Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPL7407LPWR Datasheet HTML 10Page - Texas Instruments TPL7407LPWR Datasheet HTML 11Page - Texas Instruments TPL7407LPWR Datasheet HTML 12Page - Texas Instruments TPL7407LPWR Datasheet HTML 13Page - Texas Instruments TPL7407LPWR Datasheet HTML 14Page - Texas Instruments TPL7407LPWR Datasheet HTML 15Page - Texas Instruments TPL7407LPWR Datasheet HTML 16Page - Texas Instruments TPL7407LPWR Datasheet HTML 17Page - Texas Instruments TPL7407LPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
(
)
J(MAX)
A
(MAX)
JA
T
T
PD
-
=
q
N
D
OLi
Li
i 1
P
V
I
=
=
´
å
14
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
10.3 Thermal Considerations
The number of coils driven is dependent on the coil current and on-chip power dissipation. The number of coils
driven can be determined by Figure 3, Figure 4, Figure 5, Figure 6, Figure 7, or Figure 8.
For a more accurate determination of number of coils possible, use the below equation to calculate TPL7407L
on-chip power dissipation PD:
Where:
N is the number of channels active together.
VOLi is the OUTi pin voltage for the load current ILi. This is the same as VCE(SAT)
(2)
In order to guarantee reliability of TPL7407L and the system, the on-chip power dissipation must be lower than or
equal to the maximum allowable power dissipation (PD(MAX)) dictated by below equation Equation 3.
Where:
TJ(MAX) is the target maximum junction temperature.
TA is the operating ambient temperature.
θJA is the package junction to ambient thermal resistance.
(3)
It is recommended to limit TPL7407L IC’s die junction temperature to less than 125°C. The IC junction
temperature is directly proportional to the on-chip power dissipation.
10.3.1 Improving Package Thermal Performance
θJA value depends on the PC board layout. An external heat sink and/or a cooling mechanism, like a cold air fan,
can help reduce
θJA and thus improve device thermal capabilities. Refer to TI’s design support web page at
www.ti.com/thermal for a general guidance on improving device thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com