Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22918DBVR
Description  TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22918DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22918DBVR Datasheet HTML 3Page - Texas Instruments TPS22918DBVR Datasheet HTML 4Page - Texas Instruments TPS22918DBVR Datasheet HTML 5Page - Texas Instruments TPS22918DBVR Datasheet HTML 6Page - Texas Instruments TPS22918DBVR Datasheet HTML 7Page - Texas Instruments TPS22918DBVR Datasheet HTML 8Page - Texas Instruments TPS22918DBVR Datasheet HTML 9Page - Texas Instruments TPS22918DBVR Datasheet HTML 10Page - Texas Instruments TPS22918DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Output Current (A)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
70
80
90
100
D005
VIN= 1 V
VIN = 1.2 V
VIN = 1.5 V
VIN = 1.8 V
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5 V
VIN = 5.5 V
Input Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
20
40
60
80
100
120
140
D008
-40qC
25qC
85qC
105qC
Temperature (qC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
90
100
D004
VIN= 1 V
VIN = 1.05 V
VIN = 1.2 V
VIN = 1.8 V
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5 V
VIN = 5.5 V
Input Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
30
40
50
60
70
80
90
100
D001
-40qC
25qC
85qC
105qC
Input Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
D002
-40qC
25qC
85qC
105qC
Input Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
D003
-40qC
25qC
85qC
105qC
7
TPS22918
www.ti.com
SLVSD76C – FEBRUARY 2016 – REVISED JULY 2017
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Typical DC Characteristics
VON = 5 V
IOUT = 0 A
Figure 1. Quiescent Current vs Input Voltage
VON = 0 V
IOUT = 0 A
Figure 2. Shutdown Current vs Input Voltage
VON = 5 V
IOUT = –200 mA
Figure 3. On-Resistance vs Temperature
VON = 5 V
IOUT = –200 mA
Figure 4. On-Resistance vs Input Voltage
VON = 5 V
TA = 25°C
Figure 5. On-Resistance vs Output Current
IOUT = 0 A
Figure 6. Hysteresis Voltage vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com