Electronic Components Datasheet Search
  English  ▼

X  

TPS72116DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS72116DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72116DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS72116DBVT Datasheet HTML 1Page - Texas Instruments TPS72116DBVT Datasheet HTML 2Page - Texas Instruments TPS72116DBVT Datasheet HTML 3Page - Texas Instruments TPS72116DBVT Datasheet HTML 4Page - Texas Instruments TPS72116DBVT Datasheet HTML 5Page - Texas Instruments TPS72116DBVT Datasheet HTML 6Page - Texas Instruments TPS72116DBVT Datasheet HTML 7Page - Texas Instruments TPS72116DBVT Datasheet HTML 8Page - Texas Instruments TPS72116DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Actual Size
(3,00 mm x 3,00 mm)
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NC/FB
TPS72115
0.1
µF
0.1
µF
1.8 V
1.5 V
GND
OUT
IN
EN
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
LOW INPUT VOLTAGE, CAP FREE 150-mA
LOW-DROPOUT LINEAR REGULATORS
•
150-mA LDO
The TPS721xx family of LDO regulators is available
in fixed voltage options that are commonly used to
•
Available in 1.5-V, 1.6-V, 1.8-V Fixed-Output
power the latest DSPs and microcontrollers with an
and Adjustable (1.2-V to 2.5-V) Versions
adjustable option ranging from 1.22 V to 2.5 V. These
•
Low Input Voltage Requirement (Down to
regulators
can
be
used
in
a
wide
variety
of
1.8 V)
applications ranging from portable, battery-powered
•
Small Output Capacitor, 0.1-µF
equipment to PC peripherals. The family features
operation over a wide range of input voltages (1.8 V
•
Dropout Voltage Typically 200 mV at 150 mA
to 5.5 V) and low dropout voltage (150 mV at full
•
Less Than 1 µA Quiescent Current in
load). Therefore, compared to many other regulators
Shutdown Mode
that require 2.5-V or higher input voltages for
•
Thermal Protection
operation, these regulators can be operated directly
from two AAA batteries. Also, the typical quiescent
•
Over Current Limitation
current (ground pin current) is low, starting at 85 µA
•
5-Pin SOT-23 (DBV) Package
during normal operation and 1 µA in shutdown mode.
These regulators can be operated very efficiently and,
in a battery-powered application, help extend the
•
Portable Communication Devices
longevity of the device.
•
Battery Powered Equipment
Similar LDO regulators require 1-µF or larger output
•
PCMCIA Cards
capacitors for stability. However, this regulator uses
an internal compensation scheme that stabilizes the
•
Personal Digital Assistants
feedback loop over the full range of input voltages
•
Modems
and load currents with output capacitances as low as
•
Bar Code Scanners
0.1-µF. Ceramic capacitors of this size are relatively
•
Backup Power Supplies
inexpensive and available in small footprints.
•
SMPS Post Regulation
This family of regulators is particularly suited as a
•
Internet Audio
portable power supply solution due to its minimal
board space requirement and 1.8-V minimum input
voltage. Being able to use two off-the-shelf AAA
batteries makes system design easier and also
reduces component cost. Moreover, the solution will
be more efficient than if a regulator with a higher
input voltage is used.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS72116DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72116DBVT TI-TPS72116DBVT Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVT TI-TPS72116DBVT Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVT TI1-TPS72116DBVT Datasheet
868Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVTG4 TI-TPS72116DBVTG4 Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVTG4 TI-TPS72116DBVTG4 Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72116DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com