Electronic Components Datasheet Search
  English  ▼

X  

TPS76030DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS76030DBVT
Description  LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS76030DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76030DBVT Datasheet HTML 2Page - Texas Instruments TPS76030DBVT Datasheet HTML 3Page - Texas Instruments TPS76030DBVT Datasheet HTML 4Page - Texas Instruments TPS76030DBVT Datasheet HTML 5Page - Texas Instruments TPS76030DBVT Datasheet HTML 6Page - Texas Instruments TPS76030DBVT Datasheet HTML 7Page - Texas Instruments TPS76030DBVT Datasheet HTML 8Page - Texas Instruments TPS76030DBVT Datasheet HTML 9Page - Texas Instruments TPS76030DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPS76030, TPS76032, TPS76033, TPS76038, TPS76050
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS144D – JULY 1998 – REVISED MAY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TA – Free-Air Temperature – °C
TPS76033
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.2
3.15
–35
5
3.3
3.25
–15
25
125
3.35
–55
45
65
VI = 4.3 V
85
105
IO = 50 mA
IO = 1 mA
Figure 6
TA – Free-Air Temperature – °C
TPS76050
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5.02
4.98
4.94
4.9
–35
5
5.04
5
4.96
4.92
–15
25
125
5.1
–55
45
65
5.06
5.08
VI = 6 V
85
105
IO = 50 mA
IO = 1 mA
Figure 7
TA – Free-Air Temperature – °C
100
10
–35
5
–15
25
125
10000
–55
45
65
1000
VI = 4 V
85
105
IO = 50 mA
IO = 1 mA
TPS76030
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
IO = 0 mA
IO = 10 mA
Figure 8
TA – Free-Air Temperature – °C
–35
5
–15
25
125
–55
45
65
VI = 4.3 V
85
105
IO = 50 mA
IO = 1 mA
TPS76033
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
IO = 0 mA
IO = 10 mA
100
10
10000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com