Electronic Components Datasheet Search
  English  ▼

X  

TLV702 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV702
Description  TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV702 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV702 Datasheet HTML 8Page - Texas Instruments TLV702 Datasheet HTML 9Page - Texas Instruments TLV702 Datasheet HTML 10Page - Texas Instruments TLV702 Datasheet HTML 11Page - Texas Instruments TLV702 Datasheet HTML 12Page - Texas Instruments TLV702 Datasheet HTML 13Page - Texas Instruments TLV702 Datasheet HTML 14Page - Texas Instruments TLV702 Datasheet HTML 15Page - Texas Instruments TLV702 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
TLV702-Q1
SLVSC35D – AUGUST 2013 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV702-Q1
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Shutdown
The enable pin (EN) is active high. The device is enabled when voltage at EN pin exceeds 0.9 V. The device is
turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, connect the EN
pin to the IN pin.
7.3.3 Dropout Voltage
The TLV702-Q1 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the
dropout voltage (VDO), the PMOS pass device is in the linear (triode) region of operation. The input-to-output
resistance is equal to the drain-source on-state resistance (RDS(on)) of the PMOS pass element. VDO scales
approximately with output current because the PMOS device behaves as a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
This effect is shown in Figure 13.
7.3.4 Undervoltage Lockout
The TLV702-Q1 uses a UVLO circuit to keep the output shut off until internal circuitry is operating properly.
7.4 Device Functional Modes
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
•
The input voltage is greater than the nominal output voltage added to the dropout voltage.
•
The output current is less than the current limit.
•
The input voltage is greater than the UVLO voltage.
7.4.2 Dropout Operation
If the input voltage is less than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this condition, the output
voltage is the same as the input voltage minus the dropout voltage. The transient performance of the device is
significantly degraded because the pass device is in a triode state and no longer regulates the output voltage of
the LDO. Line or load transients in dropout may result in large output voltage deviations.
Table 1 lists the conditions that lead to the different modes of operation.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
IOUT
Normal mode
VIN > VOUT(nom) + VDO
IOUT < ICL
Dropout mode
VIN < VOUT(nom) + VDO
IOUT < ICL
Current limit
VIN > UVLO
IOUT > ICL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com