Electronic Components Datasheet Search
  English  ▼

X  

3560 Datasheet(PDF) 4 Page - Keystone Electronics Corp.

Part # 3560
Description  “AUTO” FUSE CLIPS & HOLDERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3560 Datasheet(HTML) 4 Page - Keystone Electronics Corp.

  3560 Datasheet HTML 1Page - Keystone Electronics Corp. 3560 Datasheet HTML 2Page - Keystone Electronics Corp. 3560 Datasheet HTML 3Page - Keystone Electronics Corp. 3560 Datasheet HTML 4Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• Compatible with most vacuum and mechanical pick and
place assembly systems.
• Accepts standard and mini blade automotive
blade fuses.
• Clip with Matte-Tin plate is ideal for low temperature
soldering applications, for other temperature sensitive
components.
• Clips with Tin-Nickel plate are ideal for lead free,
high temperature soldering applications.
• Compatible with most vacuum and mechanical pick and place assembly systems.
•Fully insulated clips to protect fuses against shorting.
•One piece assembly reduces assembly time
•Withstands shock and vibration.
Pad Layout For Two Clips
.185
[4.7]
.150
[3.8]
.242
[6.14]
.282
[7.2]
.100 [2.5]
.062 [1.6]
.062 [1.6]
SPECIFICATIONS
Material: .016 (.41) Brass,
Matte Tin Plate
Current Rating: 15 Amps @
500V AC
SPECIFICATIONS
Material: .016 (.41) Brass,
Tin-Nickel Plate
Current Rating: 20 Amps @
500V AC
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
VERTICAL ENTRY
VERTICAL ENTRY
For Mini: Littelfuse: MIN series/Bussmann ATM series or equivalent
For Mini: Littelfuse: MIN series/Bussmann ATM series or equivalent
CAT. NO. 3586 (Bulk)
.120 [3.0]
DIA. (2) PLS.
.320 [8.1]
.092
[2.3]
TYP.
.400
[10.2]
.125
[3.2]
SMT “AUTO” BLADE FUSE CLIPS
SMT “AUTO” BLADE FUSE HOLDERS
.325 [8.3]
.345 [8.8]
.630 [16.0]
.290 [7.4]
.062 [1.6] TYP.
.390
[9.9]
.111 [2.8]
.062 [1.6]
.350
[8.8]
.390
[9.9]
Mounting Detail
HORIZONTAL ENTRY
2 in 1 FUSE HOLDER
MINI FUSE HOLDER
.325 [8.3]
.345 [8.8]
.265 [6.7]
.530 [13.5]
.290 [7.4]
.780 [19.8]
.062 [1.6] TYP.
Mounting Detail
.530
[13.5]
.111 [2.8]
.350
[8.8]
.062 [1.6]
SPECIFICATIONS
Contacts: .016 (.41) Brass, Matte Tin Plate
Insulator: High Temperature Nylon 46, UL 94V-0
Temperature Rating: -58°F to+292°F (-50°C to+145°C)
Current Rating: 20 Amps @ 500V AC
SPECIFICATIONS
Contacts: .016 (.41) Brass, Matte Tin Plate
Insulator: High Temperature Nylon 46, UL 94V-0
Temperature Rating: -58°F to+292°F (-50°C to+145°C)
Current Rating: 20 Amps @ 500V AC
.100 [2.5]
.312 [7.9]
.250 [6.4]
.075 [1.9]
.156
[4.0]
.105 [2.7]
TYP.
.090 [2.3]
L = .562 [14.3] FOR MINI FUSE
L = .750 [19.0] FOR STANDARD
.252 [6.4]
.105
[2.7]
.067
[1.7]
.067
[1.7]
.176
[4.5]
L
Pad Layout For Two Clips
.100
[2.5]
.110 [2.8]
.320 [8.1]
.312
[7.9]
Mounting Detail
For Two Clips
SPECIFICATIONS
Material: .012 (.30) Brass,
Tin-Nickel Plate
Current Rating: 15 Amps @
500V AC
CAT. NO. 3563TR (Tape & Reel)
CAT. NO. 3563 (Bulk)
Tape & Reel Spec’s:24mm wide, 12mm pitch,
13 inch reel (1500 pieces per reel)
CAT. NO. 3586TR (Tape & Reel)
CAT. NO. 3569 (Bulk)
CAT. NO. 3569TR (Tape & Reel)
Tape & Reel Spec’s:16mm wide, 12mm pitch,
13 inch reel (750 pieces per reel)
Tape & Reel Spec’s: 24mm wide, 8mm pitch,
13 inch reel (2000 pieces per reel)
CAT. NO. 3587TR (Tape & Reel)
CAT. NO. 3587 (Bulk)
Tape & Reel Spec’s: 32mm wide, 16mm pitch, 13 inch reel (500 pieces per reel)
CAT. NO. 3588 (Bulk)
CAT. NO. 3588TR (Tape & Reel)
Tape & Reel Spec’s: 32mm wide, 16mm pitch, 13 inch reel (500 pieces per reel)
For Mini: Littelfuse: MIN series/
Bussmann ATM series or equivalent
For Mini: Littelfuse: MIN series/Bussmann ATM series.
For Standard: Littelfuse: ATO series/Bussmann ATC series.
For Low Profile: Littelfuse: 891 series/Bussmann ATM-LP series
For Standard: Littelfuse: ATO series/
Bussmann ATC series.
For Low Profile: Littelfuse: 891 series/
Bussmann ATM-LP series
41
.400 [10.2]
.250 [6.4]
.125 [3.2]
.091 [2.30]
.125 [3.2]
.236 [6.0]
.079 [2.00]
(2) PLS
M60Section2FREV1A3-COLOR 4/4/13 4:57PM Page41



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com