Electronic Components Datasheet Search
  English  ▼

X  

8680 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 8680
Description  LED LENS CAPS & HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

8680 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  8680 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
ROUND CAPS
MATERIAL: Polycarbonate
Available in Red, Green, Yellow and Clear
MATERIAL: Nylon 6/6, Black
Designed for use with T-1 or T-1 3/4 LEDs, these Lens Caps are available in round
or square configurations.They snap-mount through the front panel for easy, light-finger pres-
sure, intsallation. The LED is inserted into the cap from behind the panel and held securely
in place.
The Lens Cap protects the LED from physical damage while guarding the components from
electrostatic discharge (ESD), up to 16KV. More economical than indicator light assemblies,
the caps feature striated lines and fresnel rings which permit up to 180 viewing angles with
either diffused or non-diffused LED’s. They provide exceptionally high contrast and visibility.
LED LENS CAPS
Note: When mounting T-1 3/4 Low Profile Caps (Fig. 4 or Fig. 7) in panels .125 (3.2) thick or less a spacer must be used. Spacer CAT. NO. 8692 MATERIAL: White Nylon .360 (9.1) O.D. × 1/4 I.D. × 1/8 Lg.
SQUARE CAPS
“SNAP-IN” T-1 & T-1 3/4 LED HOLDERS
FIG. 1 T-1
FIG. 2 T-1 3/4
FIG. 3 T-1
FIG. 4 T-1 3/4
FIG. 6 T-1
FIG. 7 T-1 3/4
Designed for use with T-1 or T-1 3/4 LED’s in .060 (1.52) - .070 (1.78) thick panels. The
holder snaps into the front panel with easy, light-finger pressure. The LED snaps into the
holder from behind the panel and is held securely in place.
.030
[0.76]
C
DIA.
DIA.
A
B
STANDARD HEIGHT
LOW PROFILE
.250 [6.4] SQ.
.220
[5.6]
.430 [10.9]
.280 [7.1]
SQ.
.290 [7.4]
.190
[4.9]
SQ.
.060
[1.52]
.171 [4.4] DIA.
.280 [7.1]
SQ.
.430 [10.9]
.070
[1.78]
.250 [6.4] DIA.
.290 [7.4]
.190
[4.9]
DIA.
.150
[3.8]
.171 [4.4] DIA.
.250 [6.4] DIA.
.220
[5.6]
.430 [10.9]
.280 [7.1]
DIA.
.290 [7.4]
.190
[4.9]
DIA.
.060
[1.52]
.171 [4.4] DIA.
.250 [6.4] DIA.
.070
[1.78]
.430 [10.9]
.280 [7.1]
DIA.
CAT.
FIG.
LED
MTG. HOLE MIN. MTG.
PANEL
NO.
COLOR
NO.
SIZE
SIZE
CENTERS
THICKNESS
8650
RED
8651
GREEN
1
T-1
.171 (4.3)
.250 (6.4)
.031 - .062 (.79/1.57)
8652 YELLOW
8653
CLEAR
8662
RED
8663
GREEN
2
T-1 3/4
.250 (6.4)
.375 (9.5)
.062 - .125 (1.57/3.18)
8664 YELLOW
8665
CLEAR
CAT.
FIG.
LED
MTG. HOLE MIN. MTG.
PANEL
NO.
COLOR
NO.
SIZE
SIZE
CENTERS
THICKNESS
8656
RED
8657
GREEN
3
T-1
.171 (4.3)
.250 (6.4)
.062 - .125 (1.57/3.18)
8658 YELLOW
8659
CLEAR
8668
RED
8669
GREEN
4
T-1 3/4
.250 (6.4)
.375 (9.5)
.031 - .250 (.79/6.4)
8670 YELLOW
8671
CLEAR
(See Note)
LOW PROFILE
CAT.
FIG.
LED
MTG. HOLE MIN. MTG.
PANEL
NO.
COLOR
NO.
SIZE
SIZE
CENTERS
THICKNESS
8674
RED
8675
GREEN
6
T-1
.171 (4.3)
.250 (6.4)
.062 - .125 (1.57/3.18)
8676 YELLOW
8677
CLEAR
8686
RED
8687
GREEN
7
T-1 3/4
.250 (6.4)
.375 (9.5)
.031 - .250 (.79/6.4)
8688
YELLOW
8689
CLEAR
(See Note)
STANDARD HEIGHT
CAT.
FIG.
LED
MTG. HOLE MIN. MTG.
PANEL
NO.
COLOR
NO.
SIZE
SIZE
CENTERS
THICKNESS
8680
RED
8681
GREEN
5
T-1 3/4
.250
.375 (9.5) .062 - .125 (1.57/3.18)
8682 YELLOW
(6.4)
8683
CLEAR
SQUARE
CAT.
LED
MTG. HOLE
NO.
SIZE
A
B
C
SIZE
8309
T-1
.114 (2.9) .232 (5.9) .188 (4.8)
.171 (4.3)
8310 T-1 3/4 .200 (5.0) .315 (8.0) .274 (6.9)
.250 (6.4)
FIG. 5 T-1 3/4
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section5FREV3-color 4/6/13 3:05PM Page90


Similar Part No. - 8680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8680 ETC2-8680 Datasheet
439Kb / 1P
LED LENS CAPS
logo
TEKTRONIX, INC.
8680 TEKTRONIX-8680 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Molex Electronics Ltd.
86800-3650 MOLEX-86800-3650 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
More results

Similar Description - 8680

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
8681 ETC2-8681 Datasheet
439Kb / 1P
LED LENS CAPS
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
LED3-16 ETC2-LED3-16 Datasheet
110Kb / 2P
LED3 Series - LED Spacers and Holders
logo
Adam Technologies, Inc.
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
List of Unclassifed Man...
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
LED with Lens
logo
Rohm
CSL0901 ROHM-CSL0901 Datasheet
1Mb / 8P
Lens Type LED
logo
Lumins Inc.
KR1503 LUMINIS-KR1503_16 Datasheet
625Kb / 3P
Set of four aluminum curved arms lens holders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com