Electronic Components Datasheet Search
  English  ▼

X  

3971 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3971
Description  USB Mini B Male Plug to 5 pin Terminal Block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3971 Datasheet(HTML) 1 Page - Adafruit Industries

  3971 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Terminal Block Pitch: 5mm
Product Dimensions: 34.0mm x 28.0mm x 10.4mm / 1.3" x 1.1" x 0.4"
Product Weight: 10.4g / 0.4oz
USB Mini B Male Plug to 5-
pin Terminal Block
PRODUCT ID: 3971
DESCRIPTION
Make your next custom USB cable a breeze with a USB Mini B
Male Plug to 5-pin Terminal Block. If you need to connect to a
device with a mini USB socket or maybe make your own custom
cable of sorts - this adapter will come in very handy: no soldering
required! Just use a small screwdriver to open up the terminal
blocks, slide in your stranded or solid-core wire, and re-tighten.
All the pins are labeled, which is really nice because we keep
forgetting the order.
•
A – Pin 1 (V+)
•
B – Pin 2 (D-)
•
C – Pin 3 (D+)
•
D – Pin 4 (ID)
•
E – Pin 5 (GND)
We also carry the socket 'mating' version of this adapter.


Similar Part No. - 3971

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
Littelfuse
3971100000 LITTELFUSE-3971100000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971100044 LITTELFUSE-3971100044 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971125000 LITTELFUSE-3971125000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971125044 LITTELFUSE-3971125044 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
More results

Similar Description - 3971

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Assmann Electronics Inc...
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
A-USB-6-R ASSMANN-A-USB-6-R Datasheet
101Kb / 1P
USB Adapter, B Male to B Male
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
logo
Tripp Lite. All Rights ...
U03006NHUB TRIPPLITE-U03006NHUB Datasheet
474Kb / 2P
USB 2.0 Hi-Speed Port Liberator (USB A to 5-Pin Mini B)
U040-006-MINI TRIPPLITE-U040-006-MINI Datasheet
494Kb / 2P
USB 2.0 Hi-Speed Cable, USB 5-Pin Mini-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
Molex Electronics Ltd.
1110145003 MOLEX1-1110145003 Datasheet
46Kb / 1P
HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization B, B
1110051020 MOLEX-1110051020 Datasheet
307Kb / 1P
USB CABLE ASSEMBLY MINI-B INLINE RECEPTACLE TO MINI-B PLUG STRT
2020/02/28
1110145000 MOLEX-1110145000 Datasheet
253Kb / 2P
USB CABLE ASSEMBLY MINI-B PLUG STRAIGHT TO MINI-B PLUG STRAIGHT
2022/05/25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com